Part Number Hot Search : 
371903 601F0767 65R300 HT82J30A B1409 1N4957US ACJ5212 BB155
Product Description
Full Text Search
 

To Download 2SB1258 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (3 k )(1 0 0) E
Darlington
sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SB1258 -100 -100 -6 -6(Pulse-10) -1 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
2SB1258
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=-100V VEB=-6V IC=-10mA VCE=-2V, IC=-3A IC=-3A, IB=-6mA IC=-3A, IB=-6mA VCE=-12V, IE=0.2A VCB=-10V, f=1MHz 2SB1258 -10max -10max -100min 1000min -1.5max -2max 100typ 100typ V V MHz pF
13.0min
B Equivalent circuit C
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD1785)
Application : Driver for Solenoid, Relay and Motor and General Purpose
(Ta=25C) Unit
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
A
V
16.90.3 8.40.2
A
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) -30 RL () 10 IC (A) -3 VBB1 (V) -10 VBB2 (V) 5 IB1 (mA) -6 IB2 (mA) 6 ton (s) 0.6typ tstg (s) 1.6typ tf (s) 0.5typ
2.54
3.9 BCE
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
-6
A 3.
- 4 2.
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) -3
I C - V BE Temperature Characteristics (Typical)
-6 (VCE=-4V)
4m
mA
-2.0
mA
-1 .8 m A
IB
-5 Collector Current I C( A)
=-
-5 Collector Current I C( A)
-1.2 mA
-4
-4
-0.9mA
-3
-2
mp)
-3
)
Temp
(Cas
-2
125C
-6A -4A -1 IC=-2A -1
25C
-1
0
0
-1
-2
-3
-4
-5
-6
-0.6 -0.5 -1
-10 Base Current I B( mA)
-100 -200
0
0
-1 Base-Emittor Voltage V B E( V)
-30C
(Case
-2
(Case
Temp
e Te
)
-2 -2.2
Collector-Emitter Voltage V C E( V)
(VCE=-4V) 8000 5000 DC Curr ent Gain h FE DC Curr ent Gain h FE
(VCE=-4V) 8000 5000
12 5C C 25
j- a( C/ W)
hFE - I C Characteristics (Typical)
Typ
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
5
1000 500
1000 500
-3
100 30 -0.03
0C
Transient Thermal Resistance
1
80 -0.03
-0.1
-0.5
-1
-6
-0.1
-0.5
-1
-6
0.5
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(V C E= -12V) 120 -20
Safe Operating Area (Single Pulse)
30
P c - T a Derating
Typ
100
-10
50 0
Cu t-off Fr eque ncy f T( MH Z)
-5 80 Collector Cur rent I C( A)
DC
Ma xim um Powe r Dissipation P C( W)
Natural Cooling Silicone Grease Heatsink: Aluminum in mm 20
10 0
1m s
10 m s
s
s
W ith In fin
60
-1 -0.5 Without Heatsink Natural Cooling -0.1
150x150x2 100x100x2 10 50x50x2
ite he at si
40
nk
20
Without Heatsink 2 -5 -10 -50 -100 -200 0
0 0.05
0.1
0.5
1
56
-0.05 -3
0
25
50
75
100
125
150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
39


▲Up To Search▲   

 
Price & Availability of 2SB1258

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X